PART |
Description |
Maker |
PWR6011 PWR6016 PWR6018 PWR6010 PWR6012 PWR6017 PW |
1.8 Watt regulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage 5VDC, rated output current 360mA. Analog IC 模拟IC 1.8 WATT UNREGULATED DC/DC CONVERTER 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 2.5Vz 20mA-Izt 0.05 100uA-Ir 1Vr DO35-GLASS 5K/AMMO 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE
|
Molex, Inc. Bourns, Inc. CANDD[C&D Technologies]
|
HPR712 HPR717 HPR700 HPR703 HPR704 HPR705 HPR706 H |
5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 1000mA. 5 WATT UNREGULATED SIP DC/DC CONVERTER 5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -208mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -167mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 1000mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage -15VDC, rated output current -167mA.
|
CANDD[C&D Technologies]
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
AM1DS-0505D-NZ AM1DS-0505SH30-NZ AM1DS-0512SH30-NZ |
1 Watt | DC-DC Converter
|
AIMTEC
|
SVM12SB |
15 WATT AC-DC CONVERTER
|
List of Unclassifed Manufacturers
|
MSKW12D5W5 MSKW48D5W5 MSKW12S12W5 MSKW12D12W5 MSKW |
5 Watt DC/DC Converter
|
Wall Industries,Inc.
|
AM1L-050909D-NZ AM1L-1203S-NZ AM1L-120505D-NZ AM1L |
1 Watt | DC-DC Converter
|
AIMTEC
|
AMEOC40-MAZ13 |
40 Watt | AC-DC / DC-DC Converter
|
AIMTEC
|
DM12S5-3000 DM24S15-1000 DM12S12-1250 |
15 Watt DC/DC Converter
|
Wall Industries,Inc.
|
AM4TW-4805S-VZ AM4TW-4812D-VZ AM4TW-4812DH35-VZ AM |
4 Watt | DC-DC Converter
|
AIMTEC
|
AM5E-4805S-FZ AM5E-1212D-FZ AM5E-2412D-FZ AM5E-481 |
5 Watt | DC-DC Converter
|
AIMTEC
|